PART |
Description |
Maker |
PM3Z96-00240020 |
MIRROR COLUMNS AND DEVICE COLUMNS
|
SICK AG
|
3-5352152-0 |
Z-PACK 2mm HM TYPE B - 22 COLUMNS
|
Tyco Electronics
|
1703403020-17 |
Impact 85 Ohm Plus 4 Pair, Right Angle Daughtercard, Left Guided, 10 Columns
|
Molex Electronics Ltd.
|
D6461 UPD6461 UPD6461GS UPD6462GS |
CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS 大规模集成电路芯片的CMOS摄像机屏幕字符显12行x 24个栏
|
NEC Corp. NEC, Corp.
|
0740571004 74057-1004 |
2.00mm (.079) Pitch VHDM? Board-to-Board Backplane Header, Vertical, 6-RowOpen Signal Module, 60 Circuits, 10 Columns, Pin Length 5.15mm (.203), 0.76μm 2.00mm (.079") Pitch VHDM庐 Board-to-Board Backplane Header, Vertical, 6-RowOpen Signal Module, 60 Circuits, 10 Columns, Pin Length 5.15mm (.203"), 0.76渭m MOLEX Connector
|
Molex Electronics Ltd.
|
0740571002 74057-1002 |
2.00mm (.079) Pitch VHDM? Board-to-Board Backplane Header, Vertical, 6-RowOpen Signal Module, 60 Circuits, 10 Columns, Pin Length 6.25mm (.246), 0.76μm 2.00mm (.079") Pitch VHDM庐 Board-to-Board Backplane Header, Vertical, 6-RowOpen Signal Module, 60 Circuits, 10 Columns, Pin Length 6.25mm (.246"), 0.76渭m MOLEX Connector
|
Molex Electronics Ltd.
|
YPKG-BCCG-9287DC |
CCGA1152, 35.0 MM X 35.0 MM, 1.0 MM PITCH, 1152 SOLDER COLUMNS, CERAMIC COLUMN GRID ARRAY, DAISY CHAIN PACKAGE
|
Actel Corporation
|
MHW8205R |
High Output Mirror Power Doubler
|
Motorola
|
LB1875 |
Polygon Mirror Motor Predriver IC Monolithic Digital IC
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
B-1661824 B-1661830 B-1662436 |
MIRROR WITH STAINLESS STEEL CHANNEL FRAME AND SHELF
|
List of Unclassifed Manufacturers http://
|
75341-4444 75465-2104 75237 75650 75649-0104 75827 |
1.85 by 1.85mm (.073 by .073隆卤) Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns 1.85 by 1.85mm (.073 by .073?? Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns 1.85 by 1.85mm (.073 by .073? Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns GbX 2-Pair L-Series 25-Col Right BP Assy 125 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT GbX 2-Pair L-Series 25-Col Left BP Ass'y 125 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT GbX 2-Pair 25-Col. Right End BP Assembly 100 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 752354104 GbX 2-Pair 10 Column Left Backplane Assy
|
Molex Electronics Ltd. http:// Molex, Inc. MOLEX INC
|
|